Part Number Hot Search : 
MB91482 XC68HC RX300 127002 STK4034 FAN8034 SG1501AL MA7220
Product Description
Full Text Search
 

To Download 55A0112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION CONTROL DRAWING
TITLE
55A0112
Date
WIRE, RADIATION-CROSSLINKED, MODIFIED ETFE-INSULATED, LIGHTWEIGHT, GENERAL PURPOSE, 600 VOLT
4-28-08
Revision
R
This specification sheet forms a part of the latest issue of Raychem Specification 55A. CONDUCTOR - SILVER-COATED COPPER INSULATION - RADIATION-CROSSLINKED, MODIFIED ETFE
TABLE I. CONSTRUCTION DETAILS PART NUMBER 1/ WIRE SIZE (AWG) 30 28 26 24 22 20 18 16 14 12 10 8 CONDUCTOR STRANDING (number x AWG) 7 x 38 7 x 36 19 x 38 19 x 36 19 x 34 19 x 32 19 x 30 19 x 29 19 x 27 37 x 28 37 x 26 133 x 29 DIAMETER OF STRANDED CONDUCTOR (in.) MINIMUM 55A0112-30-* 55A0112-28-* 55A0112-26-* 55A0112-24-* 55A0112-22-* 55A0112-20-* 55A0112-18-* 55A0112-16-* 55A0112-14-* 55A0112-12-* 55A0112-10-* 55A0112- 8-* .011 .014 .018 .023 .029 .037 .046 .052 .065 .084 .106 .158 MAXIMUM .012 .015 .019 .025 .030 .039 .048 .054 .068 .087 .112 .169 FINISHED WIRE MAXIMUM RESISTANCE AT 20C (ohms/1000 ft) 100.7 63.8 38.4 24.3 15.1 9.19 5.79 4.52 2.88 1.90 1.19 .658 DIAMETER (in.) .024 .002 .027 .002 .032 .002 .037 .002 .043 .002 .050 .002 .060 .002 .068 .002 .085 .003 .103 .003 .128 .006 .188 .008 MAXIMUM WEIGHT (lbs/1000 ft.) .66 .91 1.4 2.0 2.8 4.3 6.5 8.3 13.0 19.7 32.3 60.5
TABLE II. PERFORMANCE DETAILS BEND TESTING PART NUMBER 1/ MANDREL DIAMETER (inch) ( 3%) IMMERSION, LIFE CYCLE AND ACCELERATED AGING .250 .250 .375 .375 .500 .500 .500 .750 1.00 1.50 2.00 3.00 COLD BEND .375 .375 .500 .500 .750 .750 1.00 1.00 1.50 2.00 3.00 4.00 WEIGHT (lb) ( 3%) IMMERSION, LIFE CYCLE AND ACCELERATED AGING .125 .125 .125 .250 .375 .500 .500 .750 1.00 1.50 1.50 4.00 COLD BEND .500 .500 .500 1.00 1.00 1.00 1.00 1.00 3.00 3.00 3.00 6.00
55A0112-30-* 55A0112-28-* 55A0112-26-* 55A0112-24-* 55A0112-22-* 55A0112-20-* 55A0112-18-* 55A0112-16-* 55A0112-14-* 55A0112-12-* 55A0112-10-*
www..com 55A0112- 8-*
Users should evaluate the suitability of this product for their application. Specifications are subject to change without notice. Tyco Electronics also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to Buyer. 1/ COLORS AND COLOR CODE DESIGNATORS SHALL BE IN ACCORDANCE WITH MIL-STD-681. OTHER CODES AND SUFFIXES MAY BE ADDED TO THE PART NUMBER. AS NECESSARY, TO CAPTURE ANY ADDITIONAL REQUIREMENTS IMPOSED BY THE PURCHASE ORDER. The TE logo, Tyco Electronics and Raychem are trademarks. Raychem Wire & Cable 501 Oakside Avenue Redwood City, CA 94063-3800 Phone: 1-800-227-8816 Fax: 1-650-361-6297 (c) 2008 Tyco Electronics Corporation. All rights reserved.
Page 1 of 2
DIMENSIONS ARE IN INCHES, AND UNLESS OTHERWISE DESIGNATED ARE NOMINAL THIS SPECIFICATION SHEET TAKES PRECEDENCE OVER DOCUMENTS REFERENCED HEREIN. REFERENCED DOCUMENTS SHALL BE OF THE ISSUE IN EFFECT ON DATE OF INVITATION FOR BID.
SPECIFICATION CONTROL DRAWING
Page 2 of 2
Revision
R
SCD Number
55A0112
WIRE RATINGS AND ADDITIONAL REQUIREMENTS
TEMPERATURE RATING: 200C Maximum continuous conductor temperature VOLTAGE RATING: 600 volts (rms) at sea level ACCELERATED AGING (CROSSLINKING PROOF): 300 3C for 7 hours BLOCKING: 230 3C for 24 hours COLOR: white preferred CONCENTRICITY: 70% (minimum) FLAMMABILITY: Procedure1, 3 seconds (maximum); 3 in. (maximum); no flaming of facial tissue HUMIDITY RESISTANCE: Insulation Resistance, 5000 megohms for 1000 ft. (minimum) for AWG 30 - 10 3000 megohms for 1000 ft. (minimum) for AWG 8 IDENTIFICATION, COLOR STRIPING AND BAND DURABILITY: 125 cycles (250 strokes) (minimum), 500 g weight IMMERSION: Diameter increase 5% (maximum); no cracking, no dielectric breakdown INSULATION ELONGATION AND TENSILE STRENGTH: Elongation, 75% (minimum) Tensile Strength, 5000 lbf/in2 (minimum) INSULATION FLAWS: Spark Test, 5.7 kV (rms) at 3 kHz Impulse DielectricTest, 8.0 kV (peak) INSULATION RESISTANCE: 5000 megohms for 1000 ft. (minimum) fro AWG 30 - 10 3000 megohms for 1000 ft. (minimum) fro AWG 8 INSULATION THICKNESS: 0.005 in. (minimum) LIFE CYCLE: 230 3C for 500 hours LOW TEMPERATURE-COLD BEND: -65 3C for 4 hours SHRINKAGE: 230 3C for 6 hours, 0.125 in. (maximum) in 12 in. SOLDERABILITY: Per MIL-STD-202, Method 208, without steam aging, N/A for AWG 10 and 8 SMOKE TEST: 250 5C. No visible smoke SURFACE RESISTANCE: 500 megohms-in. (minimum), both readings THERMAL SHOCK RESISTANCE: 200 3C, 0.060 in. (maximum) for AWG 30 - 12 0.100 in. (maximum) for AWG 10 - 8 VOLTAGE WITHSTAND TEST (Post Environmental): 2500 volts (rms), 60 Hz WRAP TEST: 313 3C for 2 hours PART NUMBER: The "*" in the part numbers on page 1 shall be replaced by a color code designator. www..com 1/ Example: AWG 22, white: 55A0112-22-9 AWG 22, white with black stripe: 55A0112-22-90 1/ See footer section on page 1


▲Up To Search▲   

 
Price & Availability of 55A0112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X